Part Number Hot Search : 
74HC03N H11C3300 4000T 50N10 4000T LM64P70 4000T LT1078C
Product Description
Full Text Search
 

To Download GBPC1502-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  glass passivated bridge rectifiers page 1 rev :a gbpc15005-g thru. gbpc5010-g series d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) qw -bbr58 reverse v oltage: 50 to 1000v forward current: 15/25/35/50a rohs device maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% gbpc comchip t echnology co., l td. features mechanical data -polarit:as marked on body -mounting position:any maximum a verage forward rectified output current @t c=55c peak forward surage current , 8.3ms single half sine-w ave super imposed on rated load operating t emperature range storage t emperature range i (a v) i fsm v f i r t j t stg 1.1 10.0 -55 to +150 -55 to +150 a a v a c drop per element at 7.5/12.5/17.5/25.0a peak parameter gbpc15 symbol gbpc25 gbpc35 gbpc50 15 25 35 50 300 350 400 450 un it c maximum reverse current at rate dc blocking v oltage per element @ t j =25 c maximum forward v oltage pa ra m et er sy mb ol un it gbpc-g 50 15005 25005 v rrm v gbpc-g 100 1501 2501 gbpc-g 200 1504 2504 gbpc-g 400 1506 2506 gbpc-g 600 gbpc-g 800 1508 2508 gbpc-g 1000 1510 2510 35005 3501 3504 3506 3508 3510 50005 5001 5004 5006 5008 5010 1502 2502 3502 5002 maximum rms bridge input v oltage 35 v rrm v 70 140 280 420 560 700 maximum reverse peak repetitive v oltage -w eight: 16.57grams -surge overload-300~450 amperes peak -low forward voltage drop -electrically isolated base -2000 v olts -materials used carries u/l recognition met al hea t sink ( 2 . 4) 0 . 94 d i am h o l e f o r n o . 8 s c r ew 19 3 " ( 4 . 9 ) d i am g g 0 . 3 3 5 ( 8 . 5 ) 0 . 2 9 5 ( 7 . 5 ) 0 . 9 2 5 ( 2 3 . 5 ) 0 . 8 8 6 ( 2 2 . 5 ) 0 . 2 5 4 ( 6 . 4 5 ) 0 . 2 4 2 ( 6 . 1 5 ) 1 . 1 3 3 ( 2 8 . 8 ) 1 . 1 1 4 ( 2 8 . 3 ) 0 . 6 6 1 ( 1 6 . 8 ) 0 . 6 4 8 ( 1 6 . 4 ) 0 . 7 2 0 ( 1 8 . 3 ) 0 . 7 0 5 ( 1 7 . 9 ) 0 . 6 6 1 ( 1 6 . 8 ) 0 . 6 4 8 ( 1 6 . 4 ) 1 . 1 3 3 ( 2 8 . 8 ) 1 . 1 1 4 ( 2 8 . 3 ) 0 . 5 7 1 ( 1 4 . 5 ) 0 . 5 5 5 ( 1 4 . 1 ) 0 . 0 3 5 ( 0 . 9 ) 0 . 0 2 8 ( 0 . 7 ) maximum dc blocking v oltage 50 v dc v 100 200 400 600 800 1000
page 2 rev : a rating and characteristics curves (gbpc10005-g thru. gbpc5010-g series) qw -bbr58 comchip t echnology co., l td. i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) f i g . 2 t y p i c a l f o r w a r d c h a r a c t e r i s t i c s - i n s t a n t a n e o u s f o r w a r d v o l t a g e , ( v ) 0 . 4 1 . 0 1 0 1 0 0 0 . 1 0 . 0 1 0 . 6 1 . 2 1 . 4 1 . 6 0 . 8 1 . 0 g b p c 5 0 - g g b p c 1 5 - g g b p c 2 5 - g g b p c 3 5 - g f i g . 4 t y p i c a l r e v e r s e c h a r a c t e r i s t i c s - 0 4 0 8 0 1 0 0 1 4 0 0 . 0 1 p e r c e n t o f r a t e d p e a k r e v e r s e v o l t a g e , ( v ) 0 . 1 1 . 0 1 0 . 0 1 2 0 6 0 2 0 t j = 2 5 c n u m b e r o f c y c l e s a t 6 0 h z p e a k f o r w a r d s u r g e c u r r e n t , ( a ) f i g . 3 m a x i m u m f o r w a r d s u r g e c u r r e n t - 1 1 0 1 0 0 0 2 0 0 4 5 0 4 0 0 3 5 0 g b p c 1 5 - g 3 0 0 5 0 0 g b p c 2 5 - g g b p c 3 5 - g g b p c 5 0 - g 1 1 0 0 1 5 0 t e m p e r a t u r e , ( c ) a v e r a g e f o r w a r d o u t p u t c u r r e n t , ( a ) 0 1 0 2 0 4 0 3 0 f i g . 1 - d e a r t i n g c u r r e n t o u t p u t r e c t i f i e d c u r r e n t 5 0 5 0 g b p c 5 0 - g g b p c 3 5 - g g b p c 2 5 - g g b p c 1 5 - g glass passivated bridge rectifiers 1 0 0
page 3 rev : a qw -bbr58 comchip t echnology co., l td. standard packaging gbpc15005-g gbpc25005-g gbpc35005-g gbpc50005-g gbpc1501-g gbpc2501-g gbpc3501-g part number gbpc5001-g gbpc1504-g gbpc2504-g gbpc3504-g gbpc5004-g gbpc1506-g gbpc2506-g gbpc3506-g gbpc5006-g gbpc1508-g gbpc2508-g gbpc3508-g gbpc5008-g marking code gbpc1510-g gbpc2510-g gbpc3510-g gbpc5010-g gbpc15005 gbpc25005 gbpc35005 gbpc50005 gbpc1501 gbpc2501 gbpc3501 gbpc5001 gbpc1504 gbpc2504 gbpc3504 gbpc5004 gbpc1506 gbpc2506 gbpc3506 gbpc5006 gbpc1508 gbpc2508 gbpc3508 gbpc5008 gbpc1510 gbpc2510 gbpc3510 gbpc5010 marking code + ac g b p c x x x x xxxxx / xxxx = product type marking code c c = compchip logo glass passivated bridge rectifiers GBPC1502-G gbpc2502-g gbpc3502-g gbpc5002-g gbpc1502 gbpc2502 gbpc3502 gbpc5002 c a s e t y p e g b p c 5 0 b o x ( p c s ) b u l k p a c k c a r t o n ( p c s ) 5 0 0


▲Up To Search▲   

 
Price & Availability of GBPC1502-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X